Part Number Hot Search : 
11R0J 13374 KIA6278S ML6440CH SD01432G HIP8112A CEP9N25 1C101MDD
Product Description
Full Text Search
 

To Download 1N6267CL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N6267CL - 1N6303CAL
VBR : 6.8 - 200 Volts PPK : 1500 Watts
FEATURES :
* 1500W surge capability at 1ms * Excellent clamping capability * Low zener impedance * Fast response time : typically less then 1.0 ps from 0 volt to V BR(min.) * Typical I R less then 1A above 10V * Pb / RoHS Free
BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR DO-201AD
0.21 (5.33) 0.19 (4.83)
1.00 (25.4) MIN.
0.375 (9.53) 0.285 (7.24)
MECHANICAL DATA
* Case : DO-201AD Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, method 208 guaranteed * Mounting position : Any * Weight : 1.21 grams
0.052 (1.32) 0.048 (1.22)
1.00 (25.4) MIN.
Dimensions in inches and (millimeters)
DEVICES FOR UNIPOLAR APPLICATIONS
For uni-directional without "C" Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified .
Rating
Peak Power Dissipation at Ta = 25 C, Tp=1ms (Note1) Steady State Power Dissipation at TL = 75 C
Symbol
PPK
Value
1500
Unit
W
PD Lead Lengths 0.375", (9.5mm) (Note 2) Operating and Storage Temperature Range TJ, TSTG
5.0
W
- 65 to + 175
C
Notes :
(1) Non-repetitive Current pulse per Fig. 2 and derated above Ta = 25 C per Fig. 1 , (2) Mounted on Copper Lead area of 1.57 in 2 (40mm2).
Page 1 of 4
Rev. 03 : March 31, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Breakdown Voltage @ It ( Note 1 ) Working Peak Reverse Voltage VRWM (V) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 Maximum Reverse Leakage @ VRWM IR (A) 2000 2000 1000 1000 400 400 100 100 10 10 10 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Reverse Current IRSM (A) 139 143 128 132 120 124 109 112 100 103 93.0 96.0 87.0 90.0 79.0 82.0 68.0 71.0 64.0 67.0 56.5 59.5 51.5 54.0 47.0 49.0 43.0 45.0 38.5 40.0 34.5 36.0 31.5 33.0 29.0 30.0 26.5 28.0 24.0 25.3 22.2 23.2 20.4 21.4 Maximum Clamping Voltage @ IRSM VRSM (V) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 Maximum Temperature Co-efficient of VBR (% / C) 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102
TYPE
VBR (V) Min. 1N6267CL 1N6267CAL 1N6268CL 1N6268CAL 1N6269CL 1N6269CAL 1N6270CL 1N6270CAL 1N6271CL 1N6271CAL 1N6272CL 1N6272CAL 1N6273CL 1N6273CAL 1N6274CL 1N6274CAL 1N6275CL 1N6275CAL 1N6276CL 1N6276CAL 1N6277CL 1N6277CAL 1N6278CL 1N6278CAL 1N6279CL 1N6279CAL 1N6280CL 1N6280CAL 1N6281CL 1N6281CAL 1N6282CL 1N6282CAL 1N6283CL 1N6283CAL 1N6284CL 1N6284CAL 1N6285CL 1N6285CAL 1N6286CL 1N6286CAL 1N6287CL 1N6287CAL 1N6288CL 1N6288CAL 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 Max. 7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 It (mA) 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Page 2 of 4
Rev. 03 : March 31, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Breakdown Voltage @ It ( Note 1 ) Working Peak Reverse Voltage VRWM (V) 45.4 47.8 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102 105 111 121 128 130 136 138 145 146 154 162 171 Maximum Reverse Leakage @ VRWM IR (A) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Reverse Current IRSM (A) 18.6 19.5 16.9 17.7 15.3 16.3 13.9 14.6 12.7 13.3 11.4 12.0 10.4 11.0 9.5 9.9 8.7 9.1 8.0 8.4 7.0 7.2 6.5 6.8 6.2 6.4 5.8 6.1 5.2 5.5 Maximum Clamping Voltage @ IRSM VRSM (V) 80.5 77.0 89.0 85.0 98.0 92.0 108 103 118 113 131 125 144 137 158 152 173 165 187 179 215 207 230 219 244 234 258 246 287 274 Maximum Temperature Co-efficient of VBR (% / C) 0.103 0.103 0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108
TYPE
VBR (V) Min. 1N6289CL 1N6289CAL 1N6290CL 1N6290CAL 1N6291CL 1N6291CAL 1N6292CL 1N6292CAL 1N6293CL 1N6293CAL 1N6294CL 1N6294CAL 1N6295CL 1N6295CAL 1N6296CL 1N6296CAL 1N6297CL 1N6297CAL 1N6298CL 1N6298CAL 1N6299CL 1N6299CAL 1N6300CL 1N6300CAL 1N6301CL 1N6301CAL 1N6302CL 1N6302CAL 1N6303CL 1N6303CAL 50.4 53.2 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 105 108 114 117 124 135 143 144 152 153 162 162 171 180 190 Max. 61.6 58.8 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 158 176 168 187 179 198 189 220 210 It (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Note: ( 1 ) VBR measured after It applied for 300s., It = square wave pulse or equivalen
Page 3 of 4
Rev. 03 : March 31, 2005
RATING AND CHARACTERISTIC CURVES ( 1N6267CL - 1N6303CAL )
FIG.1 - PULSE DERATING CURVE
120
FIG.2 - PULSE WAVEFORM
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT
PEAK PULSE CURRENT - % IRMS
Tr = 10s 100 Peak Value IRSM
100
80
TJ=25 C Pulse Width (tp) is defined as that point where the peak current decays to 50% of IRSM
60
50
Half Value - IRSM 2 10X1000 Waveform as defined by R.E.A.
40
20 0 0 25 50 75 100 125 150 175
tp 0 0 1.0 2.0 3.0 4.0
Ta, AMBIENT TEMPERATURE, ( C)
T, TIME(ms)
FIG.3 - STEADY STATE POWER DERATING PD, STEADY STATE POWER DISSIPATION (WATTS)
5.00 100
FIG.4 - PULSE RATING CURVE
3.75
Pp,PEAK POWER (kW)
Single Phase Half Wave 60 Hz Resistive or Inductive load
10
2.50
1.0
1.25
0.1 0.1s 125 150 175 200
1.0s
10s
100s
1.0ms
10ms
0 0 25 50 75 100
tp, PULSE WIDTH
TL, LEAD TEMPERATURE (C)
Page 4 of 4
Rev. 03 : March 31, 2005


▲Up To Search▲   

 
Price & Availability of 1N6267CL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X